Part Number Hot Search : 
C451L RB751 73E2R47G N1113 EFA240B 71973 EMC1152 A115E
Product Description
Full Text Search
 

To Download CJ78L12-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Encapsulate Three-terminal Voltage Regulator
TO - 92
CJ78L12 Three-terminal positive voltage regulator
FEATURES Maximum Output current IOM: 0.1A Output voltage Vo: 12 V
1.OUT
2.GND
3.IN
1 23
ABSOLUTE MAXIMUM RATINGS Operating temperature range applies unless otherwise specified(c) Parameter Input Voltage Operating Junction Temperature Range Storage Temperature Range UTC78L05 ELECTRICAL CHARACTERISTICS (VI=19V,Io=40mA,0ae CJ78L12 UTC
Symbol Vl TOPR TSTG
Value 35
0 +12 5
Unlts V
ae
- 55 +150
ae
Test conditions
MIN 11.5 11.4 11.4
TYP 12 12 12 22 13 55 49 4.3
MAX 12.5 12.6 12.6 100 50 250 200 6.5 1.5 0.1
UNIT V V V (note) mV mV mV mV mA mA mA uV dB V
Tj=25ae Io=1mA- 100mA , Tj=25ae Io=1mA- 40mA , 14.5VU lU V 27V, Tj=25 ae 16V V lU U 27V, Tj=25 ae 16V V lU U 27V 1mA I O 40mA U U 10Hz f U U 100KHz 15V V lU U 25V,f=120Hz,Tj=25ae Tj=25ae 1 Vo
37
70 42 1.7
C1 0.33|I F
Note : Bypass capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulators.
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of CJ78L12-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X